Part Number Hot Search : 
30MD61 CRB32E1 LTC4065L 2SA854S 30P124 245W042 GM9015 WRB1215
Product Description
Full Text Search
 

To Download TO-712ATFREQ-OUT27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product data sheet to-700 series temperature compensated crystal oscillator features ?frequencies to 52 mhz ?stability to 1 ppm @ -40? to +85? ?low aging 14mm x 9mm and 19mm x 13mm surface mount designs ?3.3 and 5.0 volt options ?hcmos, lvhcmos and sinewave outputs available ?asic technology applications ?wireless communication equipment ?mobile radios and network systems ?isdn, atm, sonet/sdh and gsm systems description the model t o-700 t empe r atu r e compensated c r ystal oscillator is available in frequencies from 2 mhz to 52mhz. the new design introduces an asic based temperature compensation method that provides exceptionally low aging rates and superior temperature stabilities in a small surface mount package. the to-700 can achieve an aging rate of <1ppm/ year with stability to 1 ppm at -40? to +85 c .
to-700 series temperature compensated crystal oscillator performance characteristics parameter series: output voltage/load: frequency range: supply voltage: current consumption: aging @ 25?: nominal frequency tolerance: @ 2.5 v before reflow soldering @ 2.5 v after reflow soldering frequency control range: frequency stability (in the operating temperature range): phase noise (typical) at 10 mhz: temperature ranges characteristic vectron international ?166 glover avenue, norwalk, ct 06856 ?tel: 1-88-vectron-1 ?fax: 1-888-fax-vectron 2 to-700 to-710 to-720 to-701: 50 k ohm negative/10% sinewave hcmos lvhcmos 1v pp, 10 k ohm//10pf 1k ohm//15pf 1k ohm//15pf (optional 1kohm) 40%...60% 40%...60%
to-700 series temperature compensated crystal oscillator vectron international ?166 glover avenue, norwalk, ct 06856 ?tel: 1-88-vectron-1 ?fax: 1-888-fax-vectron 3 performance characteristics parameter series: output voltage/load: frequency range: supply voltage: current consumption: aging @ 25?: nominal frequency tolerance: @ 2.5 v before reflow soldering @ 2.5 v after refl o w soldering frequency control range: frequency stability (in the operating temperature range): phase noise (typical) at 10 mhz: temperature ranges operating: operable: storage: characteristic to-750 to-760 to-751: 50 k ohm negative/10% hcmos 1k ohm//15pf sinewave 40%...60% 10 k ohm//10pf to-751: 4 to-700 series temperature compensated crystal oscillator vectron international ?166 glover avenue, norwalk, ct 06856 ?tel: 1-88-vectron-1 ?fax: 1-888-fax-vectron max 19.2 14.35 3.2 2.0 7.14 max 13.1 max 5 18.9 1. 6 5 15.55 case style: bf 169 to-700 and to-710 series to-720 series case style: bf 169-8.5 (8.5mm height) pin configuration 1. control voltage u c 2. ground, case 3. rf-output 4. supply voltage pin configuration 1. control voltage u c 2. ground, case 3. rf-output 4. supply voltage 1.0 5.08 case style: bf 157-5, 5b to-750 and to-760 series pin configuration 1. control voltage u c 2. ground, case 3. rf-output 4. supply voltage note: dimensions in millimeters
5 test circuit how to order at series frequency examples: to-701 @ 10 mhz to-711 @ 10 mhz to-724 @ 52 mhz to-753 @ 26 mhz to-762 @ 52 mhz to-700 series temperature compensated crystal oscillator vectron international 166 glover avenue, norwalk, ct 06856 tel: 1-88-vectron-1 fax: 1-888-fax-vectron u control gnd oscillator (b) ohm oscilloscope, counter or spectrum analyzer re = 50 ohm 50 ohm (a) pf 1 2 v v a 34 +u b ab to-700 series 10 pf 9975 ohm to-710 series 15 pf 975 ohm to-720 series 15 pf 975 ohm to-750 series 15 pf 9975 ohm to-760 series 10 pf 9975 ohm
to-700 series temperature compensated crystal oscillator usa: vectron international ?166 glover avenue, norwalk, ct 06856 . . . . tel: 1-88-vectron-1 ?fax: 1-888-fax-vectron europe: in denmark, finland, ireland, israel, norway, spain, uk . . . . . . . tel: 44 (0) 1703 766 288 ?fax: 44 (0) 1703 766 822 in austria, belgium, france, germany, italy, luxembourg netherlands, sweden, switzerland, . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . tel: 49 (0) 72 63 6480 ?fax: 49 (0) 72 63 6196 asia: in china, taiwan, japan . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . tel: 603-598-0070 ?fax: 603-598-0075 in korea, singapore, australia, india . . . . . . . . . . . . . . . . . . . . . . . . . . . . . tel: 203-853-4433 ?fax: 203-849-1423 vectron international reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such produ ct(s) or information. printed in usa 12/99 www.vectron.com 6 visit our website at www.vectron.com one one for additional information please contact: ultra-miniature vcxo tru-050 pll tru-2500 4 pin dip ocxo stratum 2 double oven ocxo s surface mount ocxo s source contact vectron vectron products whats new about vectron whats hot! search jobs @vi


▲Up To Search▲   

 
Price & Availability of TO-712ATFREQ-OUT27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X